Part Number Hot Search : 
ATMEGA16 2SK19 03N60 HCS244D 23N60 SY89852 MSS2105 IRF351
Product Description
Full Text Search
 

To Download NE3509M0406 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HETERO JUNCTION FIELD EFFECT TRANSISTOR
NE3509M04
L TO S BAND LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
FEATURES
* Super low noise figure and high associated gain NF = 0.4 dB TYP., Ga = 17.5 dB TYP. @ f = 2 GHz, VDS = 2 V, ID = 10 mA * Flat-lead 4-pin thin-type super minimold (M04) package
APPLICATIONS
* Satellite radio (SDARS, DMB, etc.) antenna LNA * GPS antenna LNA * Low noise amplifier for microwave communication system
ORDERING INFORMATION
Part Number NE3509M04 NE3509M04-T2 Order Number NE3509M04-A NE3509M04-T2-A Package Flat-lead 4-pin thintype super minimold (M04) (Pb-Free) Quantity 50 pcs (Non reel) 3 kpcs/reel Marking V80 Supplying Form * 8 mm wide embossed taping * Pin 1 (Source), Pin 2 (Drain) face the perforation side of the tape
Remark To order evaluation samples, contact your nearby sales office. Part number for sample order: NE3509M04
ABSOLUTE MAXIMUM RATINGS (TA = +25C)
Parameter Drain to Source Voltage Gate to Source Voltage Drain Current Gate Current Total Power Dissipation Channel Temperature Storage Temperature Symbol VDS VGS ID IG Ptot
Note
Ratings 4.0 -3.0 IDSS 200 150 +150 -65 to +150
Unit V V mA
A
mW C C
Tch Tstg
Note Mounted on 1.08 cm2 x 1.0 mm (t) glass epoxy PCB
Caution Observe precautions when handling because these devices are sensitive to electrostatic discharge.
Document No. PG10608EJ01V0DS (1st edition) Date Published April 2006 NS CP(K)
NE3509M04
RECOMMENDED OPERATING CONDITIONS (TA = +25C)
Parameter Drain to Source Voltage Drain Current Input Power Symbol VDS ID Pin MIN. - - - TYP. 2 10 - MAX. 3 20 0 Unit V mA dBm
ELECTRICAL CHARACTERISTICS (TA = +25C, unless otherwise specified)
Parameter Gate to Source Leak Current Saturated Drain Current Gate to Source Cutoff Voltage Transconductance Noise Figure Associated Gain Gain 1 dB Compression Output Power Symbol IGSO IDSS VGS (off) gm NF Ga PO (1 dB) VDS = 2 V, ID = 10 mA (Non-RF), f = 2 GHz VGS = -3 V VDS = 2 V, VGS = 0 V VDS = 2 V, ID = 50 A VDS = 2 V, ID = 10 mA VDS = 2 V, ID = 10 mA, f = 2 GHz Test Conditions MIN. - 30 -0.25 80 - 16 - TYP. 0.5 45 -0.5 - 0.4 17.5 11 MAX. 10 60 -0.75 - 0.7 - - Unit
A
mA V mS dB dB dBm
2
Data Sheet PG10608EJ01V0DS
NE3509M04
TYPICAL CHARACTERISTICS (TA = +25C, unless otherwise specified)
TOTAL POWER DISSIPATION vs. AMBIENT TEMPERATURE
250
Total Power Dissipation Ptot (mW)
DRAIN CURRENT vs. GATE TO SOURCE VOLTAGE
50 45
Drain Current ID (mA)
Mounted on Glass Epoxy PCB (1.08 cm2 x 1.0 mm (t) ) 200
VDS = 2 V
40 35 30 25 20 15 10 5 0 -1.0
150
100
50
0
50
100
150
200
250
-0.8
-0.6
-0.4
-0.2
0
Ambient Temperature TA (C)
Gate to Source Voltage VGS (V)
MINIMUM NOISE FIGURE, ASSOCIATED GAIN vs. FREQUENCY
2.0
Minimum Noise Figure NFmin (dB)
DRAIN CURRENT vs. DRAIN TO SOURCE VOLTAGE
100
1.8 1.6 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0.0 0 5 10 Frequency f (GHz) NFmin Ga
Associated Gain Ga (dB)
14 12 10 8 6
4 2 0 15
Drain Current ID (mA)
20 VDS = 2 V 18 ID = 10 mA 16
80 VGS = 0 V
60
40
-0.1 V -0.2 V
20 -0.3 V -0.4 V -0.5 V 0 1 2 3 4 5 Drain to Source Voltage VDS (V)
MINIMUM NOISE FIGURE, ASSOCIATED GAIN vs. DRAIN CURRENT
2.0
Minimum Noise Figure NFmin (dB)
MINIMUM NOISE FIGURE, ASSOCIATED GAIN vs. DRAIN TO SOURCE VOLTAGE
2.0
Minimum Noise Figure NFmin (dB)
1.8 1.6 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0.0 0 10 NFmin
Ga
Associated Gain Ga (dB)
1.6 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0.0 1.0 1.5 2.0
16 14 12 10 8 6
14 12 10 8 6 4 2 20 30 0 40
NFmin
4 2 2.5 3.0 0 3.5
Drain Current ID (mA)
Drain to Source Voltage VDS (V)
Remark The graphs indicate nominal characteristics.
Data Sheet PG10608EJ01V0DS
3
Associated Gain Ga (dB)
20 f = 2.0 GHz 18 VDS = 2 V 16
1.8
f = 2.0 GHz, ID = 10 mA Ga
20 18
NE3509M04
MINIMUM NOISE FIGURE, ASSOCIATED GAIN vs. DRAIN CURRENT
2.0
Minimum Noise Figure NFmin (dB)
MINIMUM NOISE FIGURE, ASSOCIATED GAIN vs. DRAIN TO SOURCE VOLTAGE
2.0
Minimum Noise Figure NFmin (dB)
20 f = 2.5 GHz, VDS = 2 V Ga 18
Associated Gain Ga (dB)
20 f = 2.5 GHz, ID = 10 mA 18 16 14 12 10 8 6 NFmin 4 2 1.5 2.0 2.5 3.0 0 3.5
Associated Gain Ga (dB)
1.8 1.6 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0.0 0
1.8 1.6 1.4 1.2 1.0 0.8 0.6 0.4 0.2
16 14 12 10 8 6 NFmin 4 2 10 20 30 0 40
Ga
0.0 1.0
Drain Current ID (mA)
Drain to Source Voltage VDS (V)
OUTPUT POWER, IM3, DRAIN CURRENT vs. INPUT POWER
40
Output power Pout (2 tone) (dBm) 3rd Order Intermodulation Distortion IM3 (dBm)
50 45 OIP3 = +25 dBm Pout (2 tone) 40 IIP3 = +7.5 dBm 35 30 IM3 (L) IM3 (H) 25 20 15 10
30 20 10
-10 -20 -30 -40 -50 -60 -70 -80 -25 -20 -15 ID f = 2.5 GHz, VDS = 2 V ID = 10 mA (Non-RF) -5 0 5 10 15
5 0
-10
Input Power Pin (2 tone) (dBm)
Remark The graphs indicate nominal characteristics.
4
Data Sheet PG10608EJ01V0DS
Drain Current ID (mA)
0
NE3509M04
S-PARAMETERS
S-parameters/Noise parameters are provided on our web site in a form (S2P) that enables direct import to a microwave circuit simulator without keyboard input. Click here to download S-parameters. [RF and Microwave] [Device Parameters] URL http://www.ncsd.necel.com/
Data Sheet PG10608EJ01V0DS
5
NE3509M04
PACKAGE DIMENSIONS FLAT-LEAD 4-PIN THIN-TYPE SUPER MINIMOLD (M04) (UNIT: mm)
2.050.1
0.40+0.1 -0.05
(Bottom View)
0.30+0.1 -0.05
1.250.1
2 3
(1.05)
3 2
0.60
0.65
V80
2.00.1
0.65
1
4
0.65
4
0.30+0.1 -0.05
0.590.05
PIN CONNECTIONS
1. 2. 3. 4. Source Drain Source Gate
6
Data Sheet PG10608EJ01V0DS
0.11+0.1 -0.05
0.30+0.1 -0.05
1
2.00.1
1.30
1.25
1.30
1.25
NE3509M04
MOUNTING PAD DIMENSIONS (REFERENCE ONLY) FLAT-LEAD 4-PIN THIN-TYPE SUPER MINIMOLD (M04) PACKAGE (UNIT: mm)
1.6
2
1.25
0.6
3
0.5
0.6
1
4
1.3
Data Sheet PG10608EJ01V0DS
7
NE3509M04
RECOMMENDED SOLDERING CONDITIONS
This product should be soldered and mounted under the following recommended conditions. methods and conditions other than those recommended below, contact your nearby sales office.
Soldering Method Infrared Reflow Soldering Conditions Peak temperature (package surface temperature) Time at peak temperature Time at temperature of 220C or higher Preheating time at 120 to 180C Maximum number of reflow processes Maximum chlorine content of rosin flux (% mass) Partial Heating Peak temperature (terminal temperature) Soldering time (per side of device) Maximum chlorine content of rosin flux (% mass) : 260C or below : 10 seconds or less : 60 seconds or less : 12030 seconds : 3 times : 0.2%(Wt.) or below : 350C or below : 3 seconds or less : 0.2%(Wt.) or below HS350 Condition Symbol IR260
For soldering
Caution Do not use different soldering methods together (except for partial heating).
8
Data Sheet PG10608EJ01V0DS
4590 Patrick Henry Drive Santa Clara, CA 95054-1817 Telephone: (408) 919-2500 Facsimile: (408) 988-0279
Subject: Compliance with EU Directives
CEL certifies, to its knowledge, that semiconductor and laser products detailed below are compliant with the requirements of European Union (EU) Directive 2002/95/EC Restriction on Use of Hazardous Substances in electrical and electronic equipment (RoHS) and the requirements of EU Directive 2003/11/EC Restriction on Penta and Octa BDE. CEL Pb-free products have the same base part number with a suffix added. The suffix -A indicates that the device is Pb-free. The -AZ suffix is used to designate devices containing Pb which are exempted from the requirement of RoHS directive (*). In all cases the devices have Pb-free terminals. All devices with these suffixes meet the requirements of the RoHS directive. This status is based on CEL's understanding of the EU Directives and knowledge of the materials that go into its products as of the date of disclosure of this information.
Restricted Substance per RoHS Lead (Pb) Mercury Cadmium Hexavalent Chromium PBB PBDE Concentration Limit per RoHS (values are not yet fixed) < 1000 PPM < 1000 PPM < 100 PPM < 1000 PPM < 1000 PPM < 1000 PPM Concentration contained in CEL devices -A Not Detected Not Detected Not Detected Not Detected Not Detected Not Detected -AZ (*)
If you should have any additional questions regarding our devices and compliance to environmental standards, please do not hesitate to contact your local representative.
Important Information and Disclaimer: Information provided by CEL on its website or in other communications concerting the substance content of its products represents knowledge and belief as of the date that it is provided. CEL bases its knowledge and belief on information provided by third parties and makes no representation or warranty as to the accuracy of such information. Efforts are underway to better integrate information from third parties. CEL has taken and continues to take reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on incoming materials and chemicals. CEL and CEL suppliers consider certain information to be proprietary, and thus CAS numbers and other limited information may not be available for release. In no event shall CEL's liability arising out of such information exceed the total purchase price of the CEL part(s) at issue sold by CEL to customer on an annual basis. See CEL Terms and Conditions for additional clarification of warranties and liability.


▲Up To Search▲   

 
Price & Availability of NE3509M0406

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X